| Moteur de recherche de fiches techniques de composants électroniques |
|
TN0147 Fiches technique(PDF) 16 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TN0147 Fiches technique(HTML) 16 Page - STMicroelectronics |
|
16 / 20 page ![]() Device ID TN0147 16/20 DocID16495 Rev 3 2 Device ID The MCU ID registers MIDR1 and MIDR2 contain information pertaining to the device including part number, package type, maskset information, and parametric data such as Flash size and inclusion of data Flash. The device identification register within the JTAG controller is read by debuggers to identify the device under test. Table 2 shows the register content for each device and package option. When porting code between the SPC560D40L3, SPC560B50L5, SPC560B64 and SPC56EC74 any software that depends on the contents of these registers should be modified appropriately. Refer to the respective device reference manuals for full bit-level descriptions of these registers. Table 2. Device ID registers Device Package Flash size MIDR1 MIDR2 JTAG ID SPC56EC74 BGA256 3 M 0x5646_30xx 0xB800_4311 0x06E48041 SPC56EC74 LQFP208 3 M 0x5646_54xx 0xB800_4311 0x06E48041 SPC56EC74 LQFP176 3 M 0x5646_44xx 0xB800_4311 0x06E48041 SPC564B74 LQFP208 3 M 0x5646_54xx 0xBA00_4211 0x06E48041 SPC564B74 LQFP176 3 M 0x5646_44xx 0xBA00_4211 0x06E48041 SPC56EC70 BGA256 2 M 0x5645_30xx 0xB800_4311 0x06E48041 SPC56EC70 BGA208 2 M 0x5645_40xx 0xB800_4311 0x06E48041 SPC56EC70 LQFP208 2 M 0x5645_54xx 0xB800_4311 0x06E48041 SPC56EC70 LQFP176 2 M 0x5645_44xx 0xB800_4311 0x06E48041 SPC564B70 LQFP208 2 M 0x5645_54xx 0xB800_4211 0x06E48041 SPC564B70 LQFP176 2 M 0x5645_44xx 0xB800_4211 0x06E48041 SPC56EC64 BGA256 1.5 M 0x5644_30xx 0xB200_4311 0x06E48041 SPC56EC64 BGA208 1.5 M 0x5644_40xx 0xB200_4311 0x06E48041 SPC56EC64 LQFP208 1.5 M 0x5644_54xx 0xB200_4311 0x06E48041 SPC56EC64 LQFP176 1.5 M 0x5644_44xx 0xB200_4311 0x06E48041 SPC564B64 LQFP208 1.5 M 0x5644_54xx 0xB200_4211 0x06E48041 SPC564B64 LQFP176 1.5 M 0x5644_44xx 0xB200_4211 0x06E48041 SPC560B64 LQFP176 1.5 M 0x5607_44xx 0xB200_4210 0x0AE43041 SPC560B64 LQFP144 1.5 M 0x5607_34xx 0xB200_4210 0x0AE43041 SPC560B64 LQFP100 1.5 M 0x5607_24xx 0xB200_4210 0x0AE43041 SPC560B60 LQFP176 1 M 0x5606_44xx 0xB000_4210 0x0AE43041 SPC560B60 LQFP144 1 M 0x5606_34xx 0xB000_4210 0x0AE43041 SPC560B60 LQFP100 1 M 0x5606_24xx 0xB000_4210 0x0AE43041 SPC560B54 LQFP176 768 KB 0x5605_44xx 0xAA00_4210 0x0AE43041 |