| Moteur de recherche de fiches techniques de composants électroniques |
|
TN0147 Fiches technique(PDF) 11 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TN0147 Fiches technique(HTML) 11 Page - STMicroelectronics |
|
11 / 20 page ![]() Code Flash 256Kb 512k 1.5Mb 3Mb Sectorization is compatible in all the family. ECC algorithm used for SPC560B50, is different than the one used for other products, but they ensure same level of error detection and correction Data Flash 64Kb made of 4x16Kb blocks ECC 7bits on a 32bits data 64Kb made of 4x16Kb blocks ECC 8bits on a 64bits data 64Kb made of 4x16Kb blocks ECC 8bits on a 64bits data 64Kb made of 4x16Kb blocks ECC 7 bits on a 32bits data Algorithms are different on all Data Flashs BAM Yes SWT enabled in static mode Yes Yes Yes SWT enabled in static mode MMI configuration intialized when Z4 is primary core (normal case), not on Z0 SPC56EC74 was rewritten to run on Z4 also Table 1. Overview of differences per module (continued) Module name Sub-modules SPC560D40 module SPC560B50 module SPC560B64 module SPC56EC74 module Comment |