| Moteur de recherche de fiches techniques de composants électroniques |
|
TN0147 Fiches technique(PDF) 12 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TN0147 Fiches technique(HTML) 12 Page - STMicroelectronics |
|
12 / 20 page ![]() DSPI DSPI[0..1] DSPI[0..2] DSPI[0..5] DSPI[0..7] DSPI0 chainable with 1 DSPI2 chainable with 3 eMIOS_A can feed DSPI0 and 2 eMIOS_B can feed DSP1 and 3 SPC56EC74 has a newer DSPI cell version (Backward compatible). The 4 first DSPI of SPC56EC74s upport serialization with eMIOS and chaining LinFlex LinFlex[0] with DMA LinFlex[1..2] Only LinFlex0 can be slave LinFlex[0..3] Only LinFlex0 can be slave LinFlex[0..1] with DMA LinFlex[2..9] Only LinFlex0 can be slave LinFlex[0..9] with DMA Only LinFlex0 can be slave LINFlex0 on SPC560D40 will handle DMA requests. LINFlex0 and LINFlex 1 on SPC560B64 will handle DMA requests. No DMA on SPC560B50 so no LIN / DMA support Table 1. Overview of differences per module (continued) Module name Sub-modules SPC560D40 module SPC560B50 module SPC560B64 module SPC56EC74 module Comment |