| Moteur de recherche de fiches techniques de composants électroniques |
|
TN0147 Fiches technique(PDF) 14 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TN0147 Fiches technique(HTML) 14 Page - STMicroelectronics |
|
14 / 20 page ![]() ADC1 (12 bit) Precise Standard Extended 16 13 4 0 0 0 16 (shared with 10bit) 8 (3 shared with 10bit) 0 16 (shared with 10bit) 13(3 shared with 10bit) 0 CTU (Cross Triggering Unit) 1 No Way to trigger external conversions 1 Channel numbers in CTU_EVTCFGRx are counted contiguously, unlike other family members 11 Register Protection Yes Yes Yes Yes All devices utilize same protection mechanism STCU (Self Test Control Unit) No No No Yes MBIST on SPC56EC74 CSE (Cryptographi c Services Engine) No No No Yes Watchdog Timer Yes - Fixeds refresh Yes - Fixed refresh Yes - Fixed or pseudo random keyed Yes - Fixed or pseudo random keyed RTC/API Yes Yes Yes Yes All devices utilize same RTC / API Table 1. Overview of differences per module (continued) Module name Sub-modules SPC560D40 module SPC560B50 module SPC560B64 module SPC56EC74 module Comment |