| Moteur de recherche de fiches techniques de composants électroniques |
|
TN0147 Fiches technique(PDF) 13 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TN0147 Fiches technique(HTML) 13 Page - STMicroelectronics |
|
13 / 20 page ![]() FlexCAN FlexCAN0 FlexCAN[0..5] FlexCAN[0..5] FlexCAN[0..5] 32 message buffers and no filter RAM on SPC560D40 (Message filters applicable only to Message Buffers 14 &15). Others have 64 Message buffers per FlexCAN each with individual filters on. CAN Sampler 01 1 1 No CANSampler on SPC560D40 I2C 0 1 1 1 No I2C on SPC560D40 FEC (Fast Ethernet Controller) 00 0 1 FlexRay 0 0 0 1 eMIOS module A 28 channels 28 channels 32 channels 32 channels Different channel types supported across family module B 0 28 channels 32 channels 32 channels ADC0 (10 bit) Precise Standard Extended 0 0 0 16 28 4 16 (shared with 12bit) 28 (3 shared with 12bit) 4 16 (shared with 12bit) 32 (3 shared with 12bit) 4 Maximum stated. Package dependent Table 1. Overview of differences per module (continued) Module name Sub-modules SPC560D40 module SPC560B50 module SPC560B64 module SPC56EC74 module Comment |