Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PM0014 Fiches technique(PDF) 38 Page - STMicroelectronics

No de pièce PM0014
Description  General-purpose DSP library
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0014 Fiches technique(HTML) 38 Page - STMicroelectronics

Back Button PM0014 Datasheet HTML 34Page - STMicroelectronics PM0014 Datasheet HTML 35Page - STMicroelectronics PM0014 Datasheet HTML 36Page - STMicroelectronics PM0014 Datasheet HTML 37Page - STMicroelectronics PM0014 Datasheet HTML 38Page - STMicroelectronics PM0014 Datasheet HTML 39Page - STMicroelectronics PM0014 Datasheet HTML 40Page - STMicroelectronics PM0014 Datasheet HTML 41Page - STMicroelectronics PM0014 Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 46 page
background image
Signal processing library functions
PM0014
38/46
Test:
Two test cases are provided. For each test case, two files allow to
test the function:
●
an input vector file (filterX_q15_q31_q15.in)
●
an output vector file (filterX_q15_q31_q15.res).
The configuration is the following:
●
number of coefficients: 32
●
number of output samples: 201
To perform the test, initialize the Delay line[] to zero, then Coeff[]
and Input[] with the filterX_q15_q31_q15.in file. The first values are
the coefficients (lsb first) of the filter and the rest of the values are
the input values. (See the example for declarations).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46