Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PM0014 Fiches technique(PDF) 24 Page - STMicroelectronics

No de pièce PM0014
Description  General-purpose DSP library
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0014 Fiches technique(HTML) 24 Page - STMicroelectronics

Back Button PM0014 Datasheet HTML 20Page - STMicroelectronics PM0014 Datasheet HTML 21Page - STMicroelectronics PM0014 Datasheet HTML 22Page - STMicroelectronics PM0014 Datasheet HTML 23Page - STMicroelectronics PM0014 Datasheet HTML 24Page - STMicroelectronics PM0014 Datasheet HTML 25Page - STMicroelectronics PM0014 Datasheet HTML 26Page - STMicroelectronics PM0014 Datasheet HTML 27Page - STMicroelectronics PM0014 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 46 page
background image
Arithmetic library functions
PM0014
24/46
5.4.4
cMul_q31_q31_q31
cMul_q31_q31_q31 (short Op1_I_Msb, short Op1_I_Lsb, short Op1_R_Msb,
short Op1_R_Lsb, short Op2_I_Msb, short Op2_I_Lsb, short Op2_R_Msb,
short Op2_R_Lsb, long *Output).
Description:
Multiplication of two complex 64-bit (32 bits for each part) inputs.
Output is on 64 bits (32 bits for each part).
Argument:
Op1_I_Msb
Left operand imaginary part most significant bits.
Op1_I_Lsb
Left operand real part least significant bits.
Op1_R_Msb
Right operand imaginary part most significant bits.
Op1_R_Lsb
Right operand real part least significant bits.
Op2_I_Msb
Left operand imaginary part most significant bits.
Op2_I_Lsb
Left operand real part least significant bits.
Op2_R_Msb
Right operand imaginary part most significant bits.
Op2_R_Lsb
Right operand real part least significant bits.
Output
Output pointer.
Algorithm:
LeftOp_R * RightOp_R - LeftOp_I * RightOp_I = Output_R
LeftOp_R * RightOp_I + LeftOp_R * RightOp_I = Output_I
Note:
Output imaginary part is contained in the highest address (pointed
by Output + 4). Output real part is in the lowest address (pointed by
Output).
Assembly source
code:
cMul_q31_q31_q31.asm
Code size and cycles: Size: 214 bytes
Instruction cycles: 75
Test:
Two files are provided to test the function: an input vector file
(cMul_q31_q31_q31.in) and an output vector file
(cMul_q31_q31_q31.res):
cMul_q31_q31_q31.in is made as follows:
LeftOpMsb_I1, LeftOpLsb_I1, LeftOpMsb_R1, LeftOpLsb_R1,
RightOpMsb_I1, RightOpLsb_I1, RightOpMsb_R1, RightOpLsb_R1,
...
cMul_q31_q31_q31.res is made as follows:
OutputMsb_I1, OutputLsb_I1,
...



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46