Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PM0014 Fiches technique(PDF) 21 Page - STMicroelectronics

No de pièce PM0014
Description  General-purpose DSP library
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0014 Fiches technique(HTML) 21 Page - STMicroelectronics

Back Button PM0014 Datasheet HTML 17Page - STMicroelectronics PM0014 Datasheet HTML 18Page - STMicroelectronics PM0014 Datasheet HTML 19Page - STMicroelectronics PM0014 Datasheet HTML 20Page - STMicroelectronics PM0014 Datasheet HTML 21Page - STMicroelectronics PM0014 Datasheet HTML 22Page - STMicroelectronics PM0014 Datasheet HTML 23Page - STMicroelectronics PM0014 Datasheet HTML 24Page - STMicroelectronics PM0014 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 46 page
background image
PM0014
Arithmetic library functions
21/46
5.4
Multiplication
5.4.1
mul_q15_q15_q31
mul_q15_q15_q31 (short LeftOp, short RightOp, long *Output)
Description:
Multiplication of two real 16-bit fractional operands.
Argument:
LeftOp
Left operand.
RightOp
Right operand.
Output
Output pointer.
Algorithm:
LeftOp * RightOp = Output
Note:
None
Assembly source
code:
mul_q15_q15_q31.asm
Code size and cycles: Size: 22 bytes
Instruction cycles: 10
Test:
Two files are provided to test the function: an input vector file
(mul_q15_q15_q31.in) and an output vector file
(mul_q15_q15_q31.res):
mul_q15_q15_q31.in is made as follows:
LeftOp1, RightOp1,
...
mul_q15_q15_q31.res is made as follows:
Output1,
...



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46