Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PM0014 Fiches technique(PDF) 22 Page - STMicroelectronics

No de pièce PM0014
Description  General-purpose DSP library
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0014 Fiches technique(HTML) 22 Page - STMicroelectronics

Back Button PM0014 Datasheet HTML 18Page - STMicroelectronics PM0014 Datasheet HTML 19Page - STMicroelectronics PM0014 Datasheet HTML 20Page - STMicroelectronics PM0014 Datasheet HTML 21Page - STMicroelectronics PM0014 Datasheet HTML 22Page - STMicroelectronics PM0014 Datasheet HTML 23Page - STMicroelectronics PM0014 Datasheet HTML 24Page - STMicroelectronics PM0014 Datasheet HTML 25Page - STMicroelectronics PM0014 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 46 page
background image
Arithmetic library functions
PM0014
22/46
5.4.2
mul_q31_q31_q31
mul_q31_q31_q31 (short LeftOpMsb, short LeftOpLsb, short RightOpMsb,
short RightOpLsb, long *Output)
Description:
Multiplication of two real 32-bit fractional operands. Output is on 32
bits.
Argument:
LeftOpMsb
Left operand most significant bits.
LeftOpLsb
Left operand least significant bits.
RightOpMsb
Right operand most significant bits.
RightOpLsb
Right operand least significant bits.
Output
Output pointer.
Algorithm:
LeftOp * RightOp = Output
Note:
None
Assembly source
code:
mul_q31_q31_q31.asm
Code size and cycles: Size: 54 bytes
Instruction cycles: 19
Test:
Two files are provided to test the function: an input vector file
(mul_q31_q31_q31.in) and an output vector file
(mul_q31_q31_q31.res):
mul_q31_q31_q31.in is made as follows:
LeftOpMsb1, LeftOpLsb1, RightOpMsb1, RightOpLsb1,
...
mul_q31_q31_q31.res is made as follows:
Output1,...



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46