Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PM0014 Fiches technique(PDF) 30 Page - STMicroelectronics

No de pièce PM0014
Description  General-purpose DSP library
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0014 Fiches technique(HTML) 30 Page - STMicroelectronics

Back Button PM0014 Datasheet HTML 26Page - STMicroelectronics PM0014 Datasheet HTML 27Page - STMicroelectronics PM0014 Datasheet HTML 28Page - STMicroelectronics PM0014 Datasheet HTML 29Page - STMicroelectronics PM0014 Datasheet HTML 30Page - STMicroelectronics PM0014 Datasheet HTML 31Page - STMicroelectronics PM0014 Datasheet HTML 32Page - STMicroelectronics PM0014 Datasheet HTML 33Page - STMicroelectronics PM0014 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 46 page
background image
Arithmetic library functions
PM0014
30/46
Test:
Two files are provided to test the function: an input vector file
(cDiv_q31.in) and an output vector file (cDiv_q31.res):
cDiv_q31.in is made as follows:
LeftOpIMsb1, LeftOpILsb1, LeftOpRMsb1,
LeftOpRLsb1, RightOpIMsb1, RightOpILsb1,
RightOpRMsb1, RightOpRLsb1,
...
cDiv_q31.res is made as follows:
Output_R1,
Output_I1,
...



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46