Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN3959 Fiches technique(PDF) 48 Page - STMicroelectronics

No de pièce AN3959
Description  The purpose of this application note is to describe
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3959 Fiches technique(HTML) 48 Page - STMicroelectronics

Back Button AN3959 Datasheet HTML 44Page - STMicroelectronics AN3959 Datasheet HTML 45Page - STMicroelectronics AN3959 Datasheet HTML 46Page - STMicroelectronics AN3959 Datasheet HTML 47Page - STMicroelectronics AN3959 Datasheet HTML 48Page - STMicroelectronics AN3959 Datasheet HTML 49Page - STMicroelectronics AN3959 Datasheet HTML 50Page - STMicroelectronics AN3959 Datasheet HTML 51Page - STMicroelectronics AN3959 Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 65 page
background image
Software setup to use the STA381BW/STA381BWS devices (ST Map)
AN3959
48/65
Doc ID 022081 Rev 3
Figure 52.
F3X output
Note:
If the digital input is 0 dBFs, the F3X output is 1.8 Vpp (that means 0.64 Vrms).
F3X for HPout
●
Write in register 0x58 (F3XCFG1) the value 0x80 (default value 0x00) which enables
the F3XLNK function.
–
Setting this bit, the ON/OFF of F3X is due to the power on/off of class-AB
–
Setting F3XLNK, bit D1 of register 0x59 (F3X_MUTE) is ignored
●
The power on/off is dependent on bit D5 of register 0x55 (MUTE)
●
Unset bit D0 of register 0x59 (F3X_ENA)
Figure 53.
F3X for HPout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65