Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN3959 Fiches technique(PDF) 29 Page - STMicroelectronics

No de pièce AN3959
Description  The purpose of this application note is to describe
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3959 Fiches technique(HTML) 29 Page - STMicroelectronics

Back Button AN3959 Datasheet HTML 25Page - STMicroelectronics AN3959 Datasheet HTML 26Page - STMicroelectronics AN3959 Datasheet HTML 27Page - STMicroelectronics AN3959 Datasheet HTML 28Page - STMicroelectronics AN3959 Datasheet HTML 29Page - STMicroelectronics AN3959 Datasheet HTML 30Page - STMicroelectronics AN3959 Datasheet HTML 31Page - STMicroelectronics AN3959 Datasheet HTML 32Page - STMicroelectronics AN3959 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 65 page
background image
AN3959
Design guidelines for schematic and PCB layout
Doc ID 022081 Rev 3
29/65
6.1.4
Snubber filter
The snubber circuit must be optimized for the specific application. Starting values are
330 pF in series to 22 ohm. The power on this network is dependent on the power supply,
frequency and capacitor value according to the following formula:
P=C*f*(2*V)2
This power is dissipated on the series resistance.
Figure 28.
Differential-mode snubber circuit
For the common-mode snubber the formula to evaluate power is:
P=C*f*2*(V2)
This power is dissipated on the series resistance.
Figure 29.
Common-mode snubber circuit
C126
330p
R44
22
INxA
INxB
C127
330p
C130
330p
R45
22
R46
22
INxA
INxB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65