Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN3959 Fiches technique(PDF) 37 Page - STMicroelectronics

No de pièce AN3959
Description  The purpose of this application note is to describe
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3959 Fiches technique(HTML) 37 Page - STMicroelectronics

Back Button AN3959 Datasheet HTML 33Page - STMicroelectronics AN3959 Datasheet HTML 34Page - STMicroelectronics AN3959 Datasheet HTML 35Page - STMicroelectronics AN3959 Datasheet HTML 36Page - STMicroelectronics AN3959 Datasheet HTML 37Page - STMicroelectronics AN3959 Datasheet HTML 38Page - STMicroelectronics AN3959 Datasheet HTML 39Page - STMicroelectronics AN3959 Datasheet HTML 40Page - STMicroelectronics AN3959 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 65 page
background image
AN3959
Design guidelines for schematic and PCB layout
Doc ID 022081 Rev 3
37/65
Figure 43.
Thermal layout with large ground
The thermal resistance junction in the bottom of the STA381BWS to ambient, obtainable
with a ground copper area of 5.6 x 5.6 mm and with 16 via holes is shown in Figure 43 as an
example.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65