Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN3959 Fiches technique(PDF) 53 Page - STMicroelectronics

No de pièce AN3959
Description  The purpose of this application note is to describe
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3959 Fiches technique(HTML) 53 Page - STMicroelectronics

Back Button AN3959 Datasheet HTML 49Page - STMicroelectronics AN3959 Datasheet HTML 50Page - STMicroelectronics AN3959 Datasheet HTML 51Page - STMicroelectronics AN3959 Datasheet HTML 52Page - STMicroelectronics AN3959 Datasheet HTML 53Page - STMicroelectronics AN3959 Datasheet HTML 54Page - STMicroelectronics AN3959 Datasheet HTML 55Page - STMicroelectronics AN3959 Datasheet HTML 56Page - STMicroelectronics AN3959 Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 65 page
background image
AN3959
Examples of code (TV SoC)
Doc ID 022081 Rev 3
53/65
8.2
FFX381X_Sample.C
#include "FFX38X_Sample.h"
/* This is the reference source code of STA381BWX series FFX
amplifier
function reference:
I2Cm_Tx(&valueReg,RegAddress,1,DeviceAddress);//write the data to
I2C register,DeviceAddress=FFX_I2C_ADDR
I2Cm_Rx(&valueReg,RegAddress,1,DeviceAddress);//Read the data
from I2C register,DeviceAddress=FFX_I2C_ADDR
*/
unsigned char
oldMasterVolume;
unsigned char
oldLeftVolume;
unsigned char
oldRightVolume;
unsigned char
oldSubWooferVolume;
unsigned char
oldMute;
unsigned char MUTEVolSave;
unsigned char I2C_buf1;
/******************************************************************
Global Function Declarations.
*******************************************************************
/
unsigned char
STA381BWX_EQ[]={0x00,0x00,0x00,0x00,0x00,0x00,0x00,0x00,0x00,0x00,0
x00,0x00,0x40,0x00,0x00};
/*
Intial the EQ curve for coefficient data Write
Read Filter data to STA381_EQ[],Filter address FilterIndex=0~4
*/
void STA381BWX_CoefficientRead(unsigned char FilterIndex){
unsigned char STA381BWX_tempj;
//clear 0x17~0x25 IIC register
for(STA381BWX_tempj=0;STA381BWX_tempj<15;STA381BWX_tempj++){
I2C_buf1=0x00;
I2Cm_Tx(&I2C_buf1,(0x17+STA381BWX_tempj),1,FFX_I2C_ADDR);
}
//Set coefficient data address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65