Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN3959 Fiches technique(PDF) 46 Page - STMicroelectronics

No de pièce AN3959
Description  The purpose of this application note is to describe
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3959 Fiches technique(HTML) 46 Page - STMicroelectronics

Back Button AN3959 Datasheet HTML 42Page - STMicroelectronics AN3959 Datasheet HTML 43Page - STMicroelectronics AN3959 Datasheet HTML 44Page - STMicroelectronics AN3959 Datasheet HTML 45Page - STMicroelectronics AN3959 Datasheet HTML 46Page - STMicroelectronics AN3959 Datasheet HTML 47Page - STMicroelectronics AN3959 Datasheet HTML 48Page - STMicroelectronics AN3959 Datasheet HTML 49Page - STMicroelectronics AN3959 Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 65 page
background image
Software setup to use the STA381BW/STA381BWS devices (ST Map)
AN3959
46/65
Doc ID 022081 Rev 3
7.3.3
STCompressorTM CRC computation
●
Download into RAM the STC band splitter filter coefficients into the RAM (address
0x40-0x53)
●
The XOR function calculates bit-to-bit the downloaded coefficients
●
Write into RAM the expected value (address 0x72 – CRC expected)
●
Enable the NP_CRC_GO bit (bit D0 register 0x5A). The checksum XOR of the band
splitter filter coefficients will be exposed in RAM on the computed CRC (address 0x73)
●
It is possible to see the CRC result in register 0x5A bit D2 (NP_CRCRES)
–
NP_CRCRES = 0, CRC STCompressor OK
–
NP_CRCRES = 1, CRC STCompressor with error



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65