Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UPD16680 Fiches technique(PDF) 22 Page - NEC

No de pièce UPD16680
Description  1/53, 1/40 DUTY, LCD CONTROLLER/DRIVER WITH BUILT-IN RAM
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NEC [NEC]
Site Internet  http://www.nec.com/
Logo NEC - NEC

UPD16680 Fiches technique(HTML) 22 Page - NEC

Back Button UPD16680 Datasheet HTML 18Page - NEC UPD16680 Datasheet HTML 19Page - NEC UPD16680 Datasheet HTML 20Page - NEC UPD16680 Datasheet HTML 21Page - NEC UPD16680 Datasheet HTML 22Page - NEC UPD16680 Datasheet HTML 23Page - NEC UPD16680 Datasheet HTML 24Page - NEC UPD16680 Datasheet HTML 25Page - NEC UPD16680 Datasheet HTML 26Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 44 page
background image
Data Sheet S12694EJ2V0DS00
22
µµµµPD16680
8.2 Pictograph
The group addresses of pictograph are assigned as follows.
To be chosen the address is increment, X address goes to 0CH, next address is 00H.
(PCOM)
X address
b7
8 bits
00H 01H 02H 03H
b6 b5 b4 b3 b2
b1 b0
00H
0BH 0CH
Table 8-1 PCOM (Y address = 00H)
Segment output No.
X address
b7
b6
b5
b4
b3
b2
b1
b0
00H
12345678
01H
910111213141516
02H
17
18
19
20
21
22
23
24
03H
25
26
27
28
29
30
31
32
04H
33
34
35
36
37
38
39
40
05H
41
42
43
44
45
46
47
48
06H
49
50
51
52
53
54
55
56
07H
57
58
59
60
61
62
63
64
08H
65
66
67
68
69
70
71
72
09H
73
74
75
76
77
78
79
80
0AH
8182838485868788
0BH
8990919293949596
0CH
97
98
99
100
XXXX
Remark Data of X address = 0CH :b7 to b4 are data, b3 to b0 are don’t care.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44