| Moteur de recherche de fiches techniques de composants électroniques |
|
UPD16680 Fiches technique(PDF) 33 Page - NEC |
|
|
|||||||||||||||||||||||||||||
UPD16680 Fiches technique(HTML) 33 Page - NEC |
|
33 / 44 page ![]() Data Sheet S12694EJ2V0DS00 33 µµµµPD16680 12.3 Read display data and pictograph data (All data are read) Command / Data Item STB b7 b6 b5 b4 b3 b2 b1 b0 Explanation Start H x xxx xx xx Address Register 1 L 1 1 0 0 0 0 0 0 Dot address Address Register 2 L 0 0 0 0 0 0 0 0 X address = 00H Address Register 3 L 0 0 0 0 0 0 0 0 Y address = 00H H x xxx xx xx Data R/W mode L 1 011 01 00 Data read, The address is incremented starting from the current one. Dot display Data 1 Dot display Data 663 L L D D D D D D D D D D D D D D D D Dot data (663 bytes) H x xxx xx xx Address Register 1 L 1 1 0 1 0 0 0 0 Pictograph group address Address Register 2 L 0 0 0 0 0 0 0 0 X address = 00H Address Register 3 L 0 0 0 0 0 0 0 0 Y address = 00H H x xxx xx xx Data R/W mode L 1 011 01 00 Data read, The address is incremented starting from the current one. Pictograph Data 1 Pictograph Data 13 L L D D D D D D D D D D D D D D D D Pictograph data (13 bytes) End H x xxx xx xx Remark x = Don't Care, D = data |