| Moteur de recherche de fiches techniques de composants électroniques |
|
UPD16680 Fiches technique(PDF) 21 Page - NEC |
|
|
|||||||||||||||||||||||||||||
UPD16680 Fiches technique(HTML) 21 Page - NEC |
|
21 / 44 page ![]() Data Sheet S12694EJ2V0DS00 21 µµµµPD16680 8. GROUP ADDRESSES 8.1 Dot display The group addresses of dot display are assigned as follows. To be chosen the address is increment, when X address goes to 0CH, next address is 00H. At this time, Y address goes to next address. When Y address goes to 33H, next address is 00H, too. 00H 01H 02H 33H 01H 02H 0BH 0CH X address 00H 03H 32H X X X X b7 b6 b5 b4 b7 b6 b5 b4 b3 b2 b1 b0 Remark Data of X address = 0CH : b7 to b4 are data, b3 to b0 are don't care. When 1/53 duty and using 1/40 duty are used, the RAM addresses and the common pins used are as follows. Duty Use RAM Y addresses Don’t use RAM Y addresses Use common pins Don’t use common pins 1/53 duty 00H to 33H - COM1 to COM51 - 1/40 duty 00H to 12H 1AH to 2CH Note 13H to 19H 2DH to 33H COM1 to COM19 COM27 to COM45 COM20 to COM26 COM46 to COM51 Note If address incrementation is set when 1/40 duty is used, the X address value following 0CH is 00H. At the same time the Y address is incremented by 1. The Y address value following 12H is 1AH, and the value following 2CH is 00H. 5 |