Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UPD16680 Fiches technique(PDF) 14 Page - NEC

No de pièce UPD16680
Description  1/53, 1/40 DUTY, LCD CONTROLLER/DRIVER WITH BUILT-IN RAM
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NEC [NEC]
Site Internet  http://www.nec.com/
Logo NEC - NEC

UPD16680 Fiches technique(HTML) 14 Page - NEC

Back Button UPD16680 Datasheet HTML 10Page - NEC UPD16680 Datasheet HTML 11Page - NEC UPD16680 Datasheet HTML 12Page - NEC UPD16680 Datasheet HTML 13Page - NEC UPD16680 Datasheet HTML 14Page - NEC UPD16680 Datasheet HTML 15Page - NEC UPD16680 Datasheet HTML 16Page - NEC UPD16680 Datasheet HTML 17Page - NEC UPD16680 Datasheet HTML 18Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 44 page
background image
Data Sheet S12694EJ2V0DS00
14
µµµµPD16680
5.4 Setting BIAS value
When internal driving circuit chosen, by connecting the interval of the pin VLCBS1, VLCBS2, VLCBS3 outside the IC, the
bias value can be set from the 1/6 bias, the 1/7 bias, the 1/8 bias.
Bias value
Pin connection
1/8 bias
VLCBS1, VLCBS2, VLCBS3 All open
1/7 bias
To connect VLCBS1 and VLCBS2, or VLCBS2 and VLCBS3
1/6 bias
To connect VLCBS1 and VLCBS3, VLCBS2 is open.
5.5 Voltage followers for level power supply
By the input of AMPCHA pin, it controls voltage follower for the LCD drive level power supply.
• LCD driving mode ( AMPCHA = L )
When this mode is chosen, The voltage follower maximizes electric current supply ability for LCD drive. It
doesn't need to connect the external capacitor for the level stability.
• Level capacitor mode ( AMPCHA = H )
When this mode is chosen, The voltage follower maximizes electric current supply ability for the external
condenser charging. In this mode, it needs to connect the external capacitor ( 0.1 to 1.0
µF ) for the level stability.
Caution
When using this mode without connecting capacitor, the display dignity will be bad.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44