| Moteur de recherche de fiches techniques de composants électroniques |
|
UPD16680 Fiches technique(PDF) 25 Page - NEC |
|
|
|||||||||||||||||||||||||||||
UPD16680 Fiches technique(HTML) 25 Page - NEC |
|
25 / 44 page ![]() Data Sheet S12694EJ2V0DS00 25 µµµµPD16680 9.2.1 Reset The all IC's commands are initialized. MSB LSB 00 1 0 0 11 1 9.2.2 Display ON/OFF ON/OFF of the display is controlled. MSB LSB 00 00 1 b1 b0 b2 Choices 000 : LCD OFF (SEGn, COMn, PCOMn = Vss) 001 : LCD OFF (SEGn, COMn, PCOMn = non-serective output) 111 : LCD ON 9.2.3 Standby The DC/DC converter is stopped, thus reducing the supply current. This display is placed in the OFF state (SEGn, COMn = VSS). Even at Standby, it is possible to write command and data. MSB LSB 00 0 1 0 b2 b1 b0 000 : Nomal operation 001 : Standby (DC/DC converter halt, all display OFF , OSC halt) Cohices Note Note SEGn, COMn, PCOM = VSS |