Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

GMS30004 Fiches technique(PDF) 65 Page - Hynix Semiconductor

No de pièce GMS30004
Description  4-BIT SINGLE CHIP MICROCOMPUTERS
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HYNIX [Hynix Semiconductor]
Site Internet  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS30004 Fiches technique(HTML) 65 Page - Hynix Semiconductor

Back Button GMS30004 Datasheet HTML 61Page - Hynix Semiconductor GMS30004 Datasheet HTML 62Page - Hynix Semiconductor GMS30004 Datasheet HTML 63Page - Hynix Semiconductor GMS30004 Datasheet HTML 64Page - Hynix Semiconductor GMS30004 Datasheet HTML 65Page - Hynix Semiconductor GMS30004 Datasheet HTML 66Page - Hynix Semiconductor GMS30004 Datasheet HTML 67Page - Hynix Semiconductor GMS30004 Datasheet HTML 68Page - Hynix Semiconductor GMS30004 Datasheet HTML 69Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 158 page
background image
5 - 11
Second, execute the GSSIM.EXE file and then the Load RHX (Hot key is
[F2]). The following small window is open at the center of screen waiting for
user to input the Hexa filename to work.
*
File
Name
*
A : \UNNAMED.RHX
When no file is selected, Unnamed.rhx filename is displayed. When the
filename to work is input immediately, the file from the current directory is
called. If the specific directory is assigned, the file from the assigned directory
is called.
Third, call the file to work through using the >LP [filename] from command
window by in-line command.
Here for example, load the TEST.RHX file
*
File
Name
*
A : \TEST.RHX
TEST.RHX file is called and the contents of HEXA file is analyzed from the
simulator. The source contents in the state of being disassembled is
displayed from Source window. Incase of filename input, although RHX is not
input, .RHX extension presumed to include by default.
Chapter 5. Software



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More