| Moteur de recherche de fiches techniques de composants électroniques |
|
GMS30004 Fiches technique(PDF) 34 Page - Hynix Semiconductor |
|
|
|||||||||||||||||||||||||||||
GMS30004 Fiches technique(HTML) 34 Page - Hynix Semiconductor |
|
34 / 158 page ![]() 3 - 7 (6) LYM Naming : Load Y-Register form Memory Status : Set Format : I Function : Y à M(X,Y) <Comment> Data from the RAM location addressed by the X-register and Y-register is loaded into the Y-register. Data in the memory is left unchanged. (7) LAM Naming : Load Accumulator from Memory Status : Set Format : I Function : A à M(X,Y) <Comment> Data from the RAM location addressed by the X-register and Y-register is loaded into the Y-register. Data in the memory is left unchanged. (8) XMA Naming : Exchanged Memory and Accumulator Status : Set Format : I Function : M(X,Y) ä A <Comment> Data from the memory addressed by X-register and Y-register is exchanged with data from the accumulator. For example, this instruction is useful to fetch a memory word into the accumulator for operation and store current data from the accumulator into the RAM. The accumulator can be restored by another XMA instruction. (9) LYI i Naming : Load Y-Register from Immediate Status : Set Format : ë Operand : Constant 0 õ i õ 15 Function : Y à i <Purpose> To load a constant in Y-register. It is typically used to specify Y-register in a particular RAM word address, to specify the address of a selected output line, to set Y-register for specifying a carrier signal outputted from OUT port, and to initialize Y-register for loop control. The accumulator can be restored by another XMA instruction. <Comment> Data of four bits from operand of instruction is transferred to the Y-register. Chapter 3. Instruction |