Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

GMS30004 Fiches technique(PDF) 36 Page - Hynix Semiconductor

No de pièce GMS30004
Description  4-BIT SINGLE CHIP MICROCOMPUTERS
PDF  158 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  HYNIX [Hynix Semiconductor]
Site Internet  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS30004 Fiches technique(HTML) 36 Page - Hynix Semiconductor

Back Button GMS30004 Datasheet HTML 32Page - Hynix Semiconductor GMS30004 Datasheet HTML 33Page - Hynix Semiconductor GMS30004 Datasheet HTML 34Page - Hynix Semiconductor GMS30004 Datasheet HTML 35Page - Hynix Semiconductor GMS30004 Datasheet HTML 36Page - Hynix Semiconductor GMS30004 Datasheet HTML 37Page - Hynix Semiconductor GMS30004 Datasheet HTML 38Page - Hynix Semiconductor GMS30004 Datasheet HTML 39Page - Hynix Semiconductor GMS30004 Datasheet HTML 40Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 158 page
background image
3 - 9
(14) TM n
Naming :
Test Memory Bit
Status :
Comparison results to status
Format :
ê
Operand :
Bit address 0
õ n õ 3
Function :
M(X,Y,n)
à 1?
ST
à 1 when M(X,Y,n)=1, ST à 0 when M(X,Y,n)=0
<Purpose>
A test is made to find if the selected memory bit is logic. 1
Status is set depending on the result.
(15) BR a
Naming :
Branch on status 1
Status :
Conditional depending on the status
Format :
ì
Operand :
Branch address a (Addr)
Function :
When ST =1 , PA
à PB, PC à a(Addr)
When ST = 0, PC
à PC + 1, ST à 1
Note : PC indicates the next address in a fixed sequence that
is actually pseudo-random count.
<Purpose>
For some programs, normal sequential program execution can
be change.
A branch is conditionally implemented depending on the status
of results obtained by executing the previous instruction.
<Comment>
• Branch instruction is always conditional depending on the
status.
a. If the status is reset (logic 0), a branch instruction is not
rightly executed but the next instruction of the sequence is
executed.
b. If the status is set (logic 1), a branch instruction is executed
as follows.
• Branch is available in two types - short and long. The former
is for addressing in the current page and the latter for
addressing in the other page. Which type of branch to exeute
is decided according to the PB register. To execute a long
branch, data of the PB register should in advance be modified
to a desired page address through the LPBI instruction.
Chapter 3. Instruction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More