| Moteur de recherche de fiches techniques de composants électroniques |
|
GMS30004 Fiches technique(PDF) 52 Page - Hynix Semiconductor |
|
|
|||||||||||||||||||||||||||||
GMS30004 Fiches technique(HTML) 52 Page - Hynix Semiconductor |
|
52 / 158 page ![]() 4 - 5 Short post 2764/128 S4 H L 27256 [S4] EPROM 2764/128, and 27256 can be installed by switching over the S4. For EPROM, however, right-justify ROM chip pin 1 from socket pin 3. Short post External clock input S5 & S6 U X Internal self-induced oscillation [S5, S6] Clock input selection Self-induced oscillation with the external clock input and oscillator can be set by switching over the S5 & S6 For internal clock input, install an oscillator on the PCB. Since the oscillation circuit constant varies depending on the oscillator, adjust the constant by referring to the oscillator manufacture`s recommendable values. Chapter 4. Evaluation Board Short post MHz oscillation S7 & S8 & JP M K KHz oscillation [S7, S8, JP] Clock input selection MHz and KHz oscillation can be selected by switching over the S7, S8 and JP. |