Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ML7344J Fiches technique(PDF) 126 Page - List of Unclassifed Manufacturers

No de pièce ML7344J
Description  Sub-GHz band short range wireless transceiver IC
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

ML7344J Fiches technique(HTML) 126 Page - List of Unclassifed Manufacturers

Back Button ML7344J Datasheet HTML 122Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 123Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 124Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 125Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 126Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 127Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 128Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 129Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 130Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 151 page
background image
FEDL7344C/E/J-04
ML7344C/E/J
126/151
(2) Wake-up timer
By setting the following registers, after SLEEP, automatically wake-up to RX_ON state.
If SyncWord is detected before continuous operation timer-up, RX_ON will be continued to receive a packet.
After receiving RX completion interrupt(INT[8]: group2), by reading INT group2, MCU can determine read
RX data or not. In order to re-enter SLEEP state, executing SLEEP command after clearing all interrupts in INT
group2. If generating Sync error interrupt(INT[15]: group2), executing SLEEP command after clearing
RX_FIFO and INT group2.
If SyncWord cannot be detected, automatically go back to SLEEP state after continuous operation timer-up.
[Wake-up timer setting]
WAKEUP_EN([SLEEP_SET:B0 0x2D(4)]) =0b1
RX_DURATION_EN([SLEEP_SET:B0
0x2D(5)])=0b1
WAKEUP_MODE([SLEEP_SET:B0 0x2D(6)])=0b0
[WUT_CLK_SET:B0 0x2E]
[WUT_INTERVAL_H:B0 0x2F]
[WUT_INTERVAL_L:B0 0x30]
[RX_DURATION:B0 0x31]
[Field check function setting]
[C_CHECK_CTR:B0 0x1B]
[M_CHECK_CTRL:B0 0x1C]
[A_CHECK_CTRL:B0 0x1D]
[C_FIELD_WORD1:B0 0x1E] to
[C_FIELD_WORD5:B0 0x22]
[M_FIELD_WORD1:B0 0x23] to
[M_FIELD_WORD4:B0 0x26]
[A_FIELD_WORD1:B0 0x27] to
[A_FIELD_WORD6:B0 0x2C]
*1 At lease following 2 interrupts in the group 2
should be un-masked for data receiving.
INT[8]: RX completion interrupt
INT[15]: Sync error interrupt
START *1
SLEEP execution
[SLEEP/WU_SET:B0 0x2D(0)]
RX completion(INT[8])?
[INT_SOURCE_GRP2:B0 0x0E(0)]
Sync error (INT[15])?
[INT_SOURCE_GRP2:B0 0x0E(7)]
Yes
No
No
Yes
Read INT_SOURCE_GRP2
[INT_SOURCE_GRP2:B0 0x0E]
Field checking (INT[14])?
[INT_SOURCE_GRP2:B0 0x0E(6)]
Yes
No
Read all RX data from RX_FIFO
[RD_FIFO:B0 0x7F]
Clear INT_SOURCE_GRP2
[INT_SOURCE_GRP2:B0 0x0E]
RX FIFO clear
[SATE_CLR:B0 0x16(1)]
SLEEP execution
[SLEEP/WU_SET:B0 0x2D(0)]
Wake-up timer OFF)?
No
Wake-up timer OFF execution
[SLEEP/WU_SET:B0 0x2D(4)]
END



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More