| Moteur de recherche de fiches techniques de composants électroniques |
|
ML7344J Fiches technique(PDF) 117 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
ML7344J Fiches technique(HTML) 117 Page - List of Unclassifed Manufacturers |
|
117 / 151 page ![]() FEDL7344C/E/J-04 ML7344C/E/J 117/151 (3) FIFO mode (65 byte or more) The Host must read RX data from the RX_FIFO while checking INT[5] (group1: FIFO-Full interrupt) and INT[4] (group1: FIFO-Empty interrupt) in order to avoid FIFO-Overrun or FIFO-Underrun. Other operations are identical to the FIFO mode (less than 64byte). Yes No No Yes FIFO-FULL (INT[5])? [INT_SOURCE_GRP1: B0 0x0D(5)] INT[5] clear [INT_SOURCE_GRP1: B0 0x0D] Yes RX FIFO-Full level Disable setting [RX_FIFO_THRH: B0 0x19] START Read RX data from FIFO [RD FIFO:B0 0x7F] RX completion (INT[8])? [INT_SOURCE_GRP2: B0 0x0E(0)] No INT[8] clear [INT_SOURCE_GRP2: B0 0x0E(0)] Yes TRX_OFF issue [RF_STATUS: B0 0x0B] TX? No TX_ON issue [RF_STATUS: B0 0x0B] Yes Set TX_ON after RX completion? [RF_STATUS_CTRL:B0 0x0A] Yes No Set TRX_OFF/SLEEP after RX completion? [RF_STATUS_CTRL:B0 0x0A] Yes No To RF state transition wait flow To RF state transition wait flow To RF state transition wait flow and TX flow RX_ON issue *1 [RF_STATUS: B0 0x0B] ACK_TX? To ACK_TX flow No RX FIFO-Full level Enable setting [RX_FIFO_THRH: B0 0x19] RX FIFO pointer clear [STATE_CLR: B0 0x16(1)] INT[9] clear [INT_SOURCE_GRP2: B0 0x0E(1)] Read RX data [RD_FIFO:B0 0x7F] Next packet to be received ? CRC error (INT[9])? [INT_SOURCE_GRP2: B0 0x0E(1)] *1 At lease following 2 interrupts in the group 2 should be un-masked for data receiving. INT[8]: RX completion interrupt INT[15]: Sync error interrupt |