Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ML7344J Fiches technique(PDF) 109 Page - List of Unclassifed Manufacturers

No de pièce ML7344J
Description  Sub-GHz band short range wireless transceiver IC
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC2 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC2 - List of Unclassifed Manufacturers

ML7344J Fiches technique(HTML) 109 Page - List of Unclassifed Manufacturers

Back Button ML7344J Datasheet HTML 105Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 106Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 107Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 108Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 109Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 110Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 111Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 112Page - List of Unclassifed Manufacturers ML7344J Datasheet HTML 113Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 151 page
background image
FEDL7344C/E/J-04
ML7344C/E/J
109/151
iii) RX_ON flow
RF state change by [RF_STATUS: B0 0x0B]
RF state change by [RF_STATUS_CTRL: B0 0x0A]
SET_TRX[3:0]=0b0110
TXDONE_MODE[1:0]=0b10
iv) Wake-up flow
The following flow doses not apply to the case when waiting for INT[14] (group 1: Field checking
interrupt) after wake-up.
START
RX_ON issue
[RF_STATUS: B0x0B]
END
START
END
SLEEP setting
RF state transition completion
Interrupt confirmation
INT[3] [INT_SOURCE_GRP1: B0 0x0D]
START
END
TX completion INT ?
INT[16] ([[INT_SOURCE_GRP2: B0
0x0F]]
Yes
No
RF state transition completion
Interrupt confirmation
INT[3] [INT_SOURCE_GRP1: B0 0x0D]
RF state transition completion
Interrupt confirmation
INT[3] [INT_SOURCE_GRP1: B0 0x0D]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More