Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS8506 Fiches technique(PDF) 53 Page - ams AG

No de pièce AS8506
Description  Battery Cell Monitor and Balancer IC
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

AS8506 Fiches technique(HTML) 53 Page - ams AG

Back Button AS8506 Datasheet HTML 49Page - ams AG AS8506 Datasheet HTML 50Page - ams AG AS8506 Datasheet HTML 51Page - ams AG AS8506 Datasheet HTML 52Page - ams AG AS8506 Datasheet HTML 53Page - ams AG AS8506 Datasheet HTML 54Page - ams AG AS8506 Datasheet HTML 55Page - ams AG AS8506 Datasheet HTML 56Page - ams AG AS8506 Datasheet HTML 57Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 89 page
background image
ams Datasheet, Confidential:2013-Sep [1-00]
AS8506 – 53
Devic e I n te r f ac e
Figure 48:
Diagnostic Status Register
Address
Register Name
Features and Bit Description
SPI4
SPI3
POR
Value
0x01
diag_sts_reg
Diagnostic register. μC can read this
register if pulse is detected on
CVT_NOK_OUT pin, to diagnose cause
of indication.
RR
0000_0000
POR_V5V
D0
1
→ Low Threshold limit cross
Indicator
D1
1
→ High Threshold limit
cross indicator
D2
1
→ Over-temperature
indicator
D3
1
→ Address allocation
procedure fail
D4
1
→ SPI3 read operation fail
D5
1
→ SPI3 write operation fail
D6
1
→ SPI3 Broadcast operation
fail
D7
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89