Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS8506 Fiches technique(PDF) 51 Page - ams AG

No de pièce AS8506
Description  Battery Cell Monitor and Balancer IC
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

AS8506 Fiches technique(HTML) 51 Page - ams AG

Back Button AS8506 Datasheet HTML 47Page - ams AG AS8506 Datasheet HTML 48Page - ams AG AS8506 Datasheet HTML 49Page - ams AG AS8506 Datasheet HTML 50Page - ams AG AS8506 Datasheet HTML 51Page - ams AG AS8506 Datasheet HTML 52Page - ams AG AS8506 Datasheet HTML 53Page - ams AG AS8506 Datasheet HTML 54Page - ams AG AS8506 Datasheet HTML 55Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 89 page
background image
ams Datasheet, Confidential:2013-Sep [1-00]
AS8506 – 51
Devic e I n te r f ac e
System Timings
Figure 46:
System Timings
Symbol
Parameter
Min
Typ
Max
Unit
Note
Wake-up Timing
Twake_pulse
Wake pulse width
100
μs
Tfilter_delay
Time between edge on TRIG_IN pin
to trig_in_fltrd signal
4μs
Tfilter
WAKE_IN pin filter specification
1
4
μs
Trigger Timing
Tstatus_cmd
Status request command pulse
500
1000
μs
Tbal_cmd
Cell balance command pulse
7000
μs
Wait Mode Timing
Twmode_tout
WAIT mode timeout
2000
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89