Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS8506 Fiches technique(PDF) 81 Page - ams AG

No de pièce AS8506
Description  Battery Cell Monitor and Balancer IC
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

AS8506 Fiches technique(HTML) 81 Page - ams AG

Back Button AS8506 Datasheet HTML 77Page - ams AG AS8506 Datasheet HTML 78Page - ams AG AS8506 Datasheet HTML 79Page - ams AG AS8506 Datasheet HTML 80Page - ams AG AS8506 Datasheet HTML 81Page - ams AG AS8506 Datasheet HTML 82Page - ams AG AS8506 Datasheet HTML 83Page - ams AG AS8506 Datasheet HTML 84Page - ams AG AS8506 Datasheet HTML 85Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 89 page
background image
ams Datasheet, Confidential:2013-Sep [1-00]
AS8506 – 81
Pa c k a g e D r a w i n g s & M a r k i n g s
The AS8506 device is available in a 40-pin MLF (6x6) package.
Figure 104:
AS8506 Package Drawings and Dimensions
Package Drawings & Markings
Symbol
Min
Nom
Max
e0.50 BSC
D1
5.75 BSC
E1
5.75 BSC
D2
4.40
4.50
4.60
E2
4.40
4.50
4.60
aaa
-
0.15
-
bbb
-
0.10
-
ccc
-
0.10
-
ddd
-
0.05
-
eee
-
0.08
-
fff
-
0.10
-
N40
AS8506
YYWWIZZ
(A)
Note: ‘A’ is for active balancing and default is Passive Balancing.
Symbol
Min
Nom
Max
A
0.80
0.90
1.00
A1
0
0.02
0.05
A2
-
0.65
1.00
A3
0.20 REF
L
0.30
0.40
0.50
L1
0.05
0.15
0.25
L2
0.05
0.10
0.15
Θ
0º
-
14º
b
0.20
0.25
0.30
b1
0.10
0.15
0.20
D6.00 BSC
E6.00 BSC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89