Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS8506 Fiches technique(PDF) 84 Page - ams AG

No de pièce AS8506
Description  Battery Cell Monitor and Balancer IC
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

AS8506 Fiches technique(HTML) 84 Page - ams AG

Back Button AS8506 Datasheet HTML 80Page - ams AG AS8506 Datasheet HTML 81Page - ams AG AS8506 Datasheet HTML 82Page - ams AG AS8506 Datasheet HTML 83Page - ams AG AS8506 Datasheet HTML 84Page - ams AG AS8506 Datasheet HTML 85Page - ams AG AS8506 Datasheet HTML 86Page - ams AG AS8506 Datasheet HTML 87Page - ams AG AS8506 Datasheet HTML 88Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 89 page
background image
AS8506 – 84
ams Datasheet, Confidential:2013-Sep [1-00]
P a ck age Dra w ings & Mark ings
Note(s) and/or Footnote(s):
1. Dimensions and toleranceing conform to ASME Y14.5M. - 1994.
2. All dimensions are in millimeters (angles in degrees).
3. Bilateral coplanarity zone applies to the exposed pad as well as the terminal.
4. Radius on terminal is optional.
5. N is the number of terminals.
Figure 107:
AS8506C Packaging Code YYWWXZZ
YY
WW
I
ZZ
Last two digits of the year
Manufacturing week
Plant identifier
Assembly traceability code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89