Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS8506 Fiches technique(PDF) 48 Page - ams AG

No de pièce AS8506
Description  Battery Cell Monitor and Balancer IC
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

AS8506 Fiches technique(HTML) 48 Page - ams AG

Back Button AS8506 Datasheet HTML 44Page - ams AG AS8506 Datasheet HTML 45Page - ams AG AS8506 Datasheet HTML 46Page - ams AG AS8506 Datasheet HTML 47Page - ams AG AS8506 Datasheet HTML 48Page - ams AG AS8506 Datasheet HTML 49Page - ams AG AS8506 Datasheet HTML 50Page - ams AG AS8506 Datasheet HTML 51Page - ams AG AS8506 Datasheet HTML 52Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 89 page
background image
AS8506 – 48
ams Datasheet, Confidential:2013-Sep [1-00]
Devic e I n te r f ac e
Read operation.
To perform the read operation to one of the slave device,
corresponding data should be written in these registers
spop_dadd_bcmd_reg, spop_reg_add_reg and spi3_cmd_reg.
Data from the slave device will be written in the register
rdop_data_reg.
Example:
To read the temperature status register of the slave device
address 0x06, initiate a broadcast command as given in the
below sequence.
Figure 42:
Read Operation to the Individual Slave
Command
Register Name
Address
Data
Slave device address Slave
spop_dadd_bcmd_reg
0x25
0x06
Address of the slave register
spop_reg_add_reg
0x26
0x05
write command
spi3_cmd_reg
0x28
0x03



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89