Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS1130 Fiches technique(PDF) 32 Page - ams AG

No de pièce AS1130
Description  132-LED Cross-Plexing Dr iver wi th scrol l ing Funct ion
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

AS1130 Fiches technique(HTML) 32 Page - ams AG

Back Button AS1130 Datasheet HTML 28Page - ams AG AS1130 Datasheet HTML 29Page - ams AG AS1130 Datasheet HTML 30Page - ams AG AS1130 Datasheet HTML 31Page - ams AG AS1130 Datasheet HTML 32Page - ams AG AS1130 Datasheet HTML 33Page - ams AG AS1130 Datasheet HTML 34Page - ams AG AS1130 Datasheet HTML 35Page - ams AG AS1130 Datasheet HTML 36Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 39 page
background image
www.austriamicrosystems.com/LED-Driver-ICs/AS1130
Revision 1.07
31 - 38
AS1130
Datasheet - Ty p i c a l A p p l i c a t i o n
10 Typical Application
Scroll Function
The AS1130 offers a feature for scrolling a picture through the matrix without the need of communication via a P. The scrolling can be done in
the whole matrix (11x12) or optimized for a ticker in a 5x24 Matrix (see Figure 25).
Figure 25. LED configuration for 5LED block scroll function
In the movie display mode the frame is shown in the matrix at once. On the contrary in the scroll function the frame is shifted through the matrix
segment after segment (CS0 to CS1 to CS2 to CS3 ......).
Figure 26. Scrolling



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39