Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS1130 Fiches technique(PDF) 20 Page - ams AG

No de pièce AS1130
Description  132-LED Cross-Plexing Dr iver wi th scrol l ing Funct ion
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

AS1130 Fiches technique(HTML) 20 Page - ams AG

Back Button AS1130 Datasheet HTML 16Page - ams AG AS1130 Datasheet HTML 17Page - ams AG AS1130 Datasheet HTML 18Page - ams AG AS1130 Datasheet HTML 19Page - ams AG AS1130 Datasheet HTML 20Page - ams AG AS1130 Datasheet HTML 21Page - ams AG AS1130 Datasheet HTML 22Page - ams AG AS1130 Datasheet HTML 23Page - ams AG AS1130 Datasheet HTML 24Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 39 page
background image
www.austriamicrosystems.com/LED-Driver-ICs/AS1130
Revision 1.07
19 - 38
AS1130
Datasheet - R e g i s t e r D e s c r i p t i o n
4
LED40
0x44
0
1
0
0
0
1
0
0
255 steps for intensity each single LED
LED41
0x45
0
1
0
0
0
1
0
1
LED42
0x46
0
1
0
0
0
1
1
0
LED43
0x47
0
1
0
0
0
1
1
1
LED44
0x48
0
1
0
0
1
0
0
0
LED45
0x49
0
1
0
0
1
0
0
1
LED46
0x4A
0
1
0
0
1
0
1
0
LED47
0x4B
0
1
0
0
1
0
1
1
LED48
0x4C
0
1
0
0
1
1
0
0
LED49
0x4D
0
1
0
0
1
1
0
1
LED4A
0x4E
0
1
0
0
1
1
1
0
5
LED50
0x4F
0
1
0
0
1
1
1
1
255 steps for intensity each single LED
LED51
0x50
0
1
0
1
0
0
0
0
LED52
0x51
0
1
0
1
0
0
0
1
LED53
0x52
0
1
0
1
0
0
1
0
LED54
0x53
0
1
0
1
0
0
1
1
LED55
0x54
0
1
0
1
0
1
0
0
LED56
0x55
0
1
0
1
0
1
0
1
LED57
0x56
0
1
0
1
0
1
1
0
LED58
0x57
0
1
0
1
0
1
1
1
LED59
0x58
0
1
0
1
1
0
0
0
LED5A
0x59
0
1
0
1
1
0
0
1
................
A
LEDA0
0x86
1
0
0
0
0
1
1
0
255 steps for intensity each single LED
LEDA1
0x87
1
0
0
0
0
1
1
1
LEDA2
0x88
1
0
0
0
1
0
0
0
LEDA3
0x89
1
0
0
0
1
0
0
1
LEDA4
0x8A
1
0
0
0
1
0
1
0
LEDA5
0x8B
1
0
0
0
1
0
1
1
LEDA6
0x8C
1
0
0
0
1
1
0
0
LEDA7
0x8D
1
0
0
0
1
1
0
1
LEDA8
0x8E
1
0
0
0
1
1
1
0
LEDA9
0x8F
1
0
0
0
1
1
1
1
LEDA0
0x90
1
0
0
1
0
0
0
0
B
LEDB0
0x91
1
0
0
1
0
0
0
1
255 steps for intensity each single LED
LEDB1
0x92
1
0
0
1
0
0
1
0
LEDB2
0x93
1
0
0
1
0
0
1
1
LEDB3
0x94
1
0
0
1
0
1
0
0
LEDB4
0x95
1
0
0
1
0
1
0
1
LEDB5
0x96
1
0
0
1
0
1
1
0
LEDB6
0x97
1
0
0
1
0
1
1
1
LEDB7
0x98
1
0
0
1
1
0
0
0
LEDB8
0x99
1
0
0
1
1
0
0
1
LEDB9
0x9A
1
0
0
1
1
0
1
0
LEDBA
0x9B
1
0
0
1
1
0
1
1
Table 11. LEDs PWM Register Format
Segment
Address
Data
HEX
A7
A6 A5
A4 A3 A2
A1 A0
D7 D6
D5 D4 D3
D2 D1
D0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39