Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS1130 Fiches technique(PDF) 19 Page - ams AG

No de pièce AS1130
Description  132-LED Cross-Plexing Dr iver wi th scrol l ing Funct ion
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

AS1130 Fiches technique(HTML) 19 Page - ams AG

Back Button AS1130 Datasheet HTML 15Page - ams AG AS1130 Datasheet HTML 16Page - ams AG AS1130 Datasheet HTML 17Page - ams AG AS1130 Datasheet HTML 18Page - ams AG AS1130 Datasheet HTML 19Page - ams AG AS1130 Datasheet HTML 20Page - ams AG AS1130 Datasheet HTML 21Page - ams AG AS1130 Datasheet HTML 22Page - ams AG AS1130 Datasheet HTML 23Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 39 page
background image
www.austriamicrosystems.com/LED-Driver-ICs/AS1130
Revision 1.07
18 - 38
AS1130
Datasheet - R e g i s t e r D e s c r i p t i o n
In the PWM register (see Table 11) the brightness of every single LED can be set via a 8bit PWM (255 steps).
Table 11. LEDs PWM Register Format
Segment
Address
Data
HEX
A7
A6 A5
A4 A3 A2
A1 A0
D7 D6
D5 D4 D3
D2 D1
D0
0
LED00
0x18
0
0
0
1
1
0
0
0
255 steps for intensity each single LED
LED01
0x19
0
0
0
1
1
0
0
1
LED02
0x1A
0
0
0
1
1
0
1
0
LED03
0x1B
0
0
0
1
1
0
1
1
LED04
0x1C
0
0
0
1
1
1
0
0
LED05
0x1D
0
0
0
1
1
1
0
1
LED06
0x1E
0
0
0
1
1
1
1
0
LED07
0x1F
0
0
0
1
1
1
1
1
LED08
0x20
0
0
1
0
0
0
0
0
LED09
0x21
0
0
1
0
0
0
0
1
LED0A
0x22
0
0
1
0
0
0
1
0
1
LED10
0x23
0
0
1
0
0
0
1
1
255 steps for intensity each single LED
LED11
0x24
0
0
1
0
0
1
0
0
LED12
0x25
0
0
1
0
0
1
0
1
LED13
0x26
0
0
1
0
0
1
1
0
LED14
0x27
0
0
1
0
0
1
1
1
LED15
0x28
0
0
1
0
1
0
0
0
LED16
0x29
0
0
1
0
1
0
0
1
LED17
0x2A
0
0
1
0
1
0
1
0
LED18
0x2B
0
0
1
0
1
0
1
1
LED19
0x2C
0
0
1
0
1
1
0
0
LED1A
0x2D
0
0
1
0
1
1
0
1
2
LED20
0x2E
0
0
1
0
1
1
1
0
255 steps for intensity each single LED
LED21
0x2F
0
0
1
0
1
1
1
1
LED22
0x30
0
0
1
1
0
0
0
0
LED23
0x31
0
0
1
1
0
0
0
1
LED24
0x32
0
0
1
1
0
0
1
0
LED25
0x33
0
0
1
1
0
0
1
1
LED26
0x34
0
0
1
1
0
1
0
0
LED27
0x35
0
0
1
1
0
1
0
1
LED28
0x36
0
0
1
1
0
1
1
0
LED29
0x37
0
0
1
1
0
1
1
1
LED2A
0x38
0
0
1
1
1
0
0
0
3
LED30
0x39
0
0
1
1
1
0
0
1
255 steps for intensity each single LED
LED31
0x3A
0
0
1
1
1
0
1
0
LED32
0x3B
0
0
1
1
1
0
1
1
LED33
0x3C
0
0
1
1
1
1
0
0
LED34
0x3D
0
0
1
1
1
1
0
1
LED35
0x3E
0
0
1
1
1
1
1
0
LED36
0x3F
0
0
1
1
1
1
1
1
LED37
0x40
0
1
0
0
0
0
0
0
LED38
0x41
0
1
0
0
0
0
0
1
LED39
0x42
0
1
0
0
0
0
1
0
LED3A
0x43
0
1
0
0
0
0
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39