| Moteur de recherche de fiches techniques de composants électroniques |
|
AM79C970A Fiches technique(PDF) 197 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM79C970A Fiches technique(HTML) 197 Page - Advanced Micro Devices |
|
197 / 219 page ![]() P R E L I M I N A R Y AMD 197 Am79C970A PHYSICAL DIMENSIONS PQB132 Molded Carrier Ring Plastic Quad Flat Pack (measured in inches, Ring measured in millimeters) 16-0000038-PQB-1 PQB132 (Molded) DA84 6-14-94 ae 45.87 46.13 45.50 45.90 41.37 41.63 37.87 38.13 35.15 35.25 32.15 32.25 1.097 1.103 .944 .952 .944 .952 1.097 1.103 32.15 32.25 35.15 35.25 37.87 38.13 41.37 41.63 45.50 45.90 45.87 46.13 .750 NOM. Pin 132 Pin 1 4.80 2.00 256 NOM. SIDE VIEW 1.50 DIA. 1.80 Pin 99 Pin 66 Z1 1.50 DIA. Pin 33 Z2 1.50 DIA. |