| Moteur de recherche de fiches techniques de composants électroniques |
|
AM79C970A Fiches technique(PDF) 196 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM79C970A Fiches technique(HTML) 196 Page - Advanced Micro Devices |
|
196 / 219 page ![]() AMD P R E L I M I N A R Y 196 Am79C970A PHYSICAL DIMENSIONS* PQB132 Plastic Quad Flat Pack, Trimmed and Formed (measured in inches) Pin 132 Pin 99 Pin 66 Pin 1 I.D. 16-038-PQB PQB132 DB87 7-26-94 ae TOP VIEW 1.097 1.103 0.947 0.953 1.075 1.085 1.097 1.103 0.008 0.012 Pin 33 1.075 1.085 0.947 0.953 0.025 BASIC 0.160 0.180 0.80 REF BOTTOM VIEW 0.130 0.150 0.020 0.040 SEATING PLANE *For reference only. BSC is an ANSI standard for Basic Space Centering. Trademarks Copyright © 1995 Advanced Micro Devices, Inc. All rights reserved. AMD and the AMD logo are registered trademarks of Advanced Micro Devices, Inc. Embedded Erase and Embedded Program are trademarks of Advanced Micro Devices, Inc. Product names used in this publication are for identification purposes only and may be trademarks of their respective companies. |