Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM79C970A Fiches technique(PDF) 39 Page - Advanced Micro Devices

No de pièce AM79C970A
Description  PCnet-PCI II Single-Chip Full-Duplex Ethernet Controller for PCI Local Bus Product
PDF  219 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMD [Advanced Micro Devices]
Site Internet  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C970A Fiches technique(HTML) 39 Page - Advanced Micro Devices

Back Button AM79C970A Datasheet HTML 35Page - Advanced Micro Devices AM79C970A Datasheet HTML 36Page - Advanced Micro Devices AM79C970A Datasheet HTML 37Page - Advanced Micro Devices AM79C970A Datasheet HTML 38Page - Advanced Micro Devices AM79C970A Datasheet HTML 39Page - Advanced Micro Devices AM79C970A Datasheet HTML 40Page - Advanced Micro Devices AM79C970A Datasheet HTML 41Page - Advanced Micro Devices AM79C970A Datasheet HTML 42Page - Advanced Micro Devices AM79C970A Datasheet HTML 43Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 219 page
background image
P R E L I M I N A R Y
AMD
39
Am79C970A
Disconnect When Locked
When the PCnet-PCI II controller is locked by one
master and another master tries to access the control-
ler, the device will disconnect the access. When the
PCnet-PCI II controller is in the locked state and it sees
LOCK asserted together with FRAME, it knows that
another master tried to access it. The PCnet-PCI II con-
troller will respond to the access by asserting
STOP to-
gether with
DEVSEL while driving TRDY high, thereby
disconnecting the cycle.
STOP will stay asserted until
the other master removes
FRAME.
19436A-12
FRAME
CLK
AD
IRDY
TRDY
C/
BE
DEVSEL
STOP
1
23456
CMD
PAR
PAR
PAR
BE
DATA
ADDR
LOCK
Figure 9. Disconnect Of Slave Cycle When Locked



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More