Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM79C970A Fiches technique(PDF) 13 Page - Advanced Micro Devices

No de pièce AM79C970A
Description  PCnet-PCI II Single-Chip Full-Duplex Ethernet Controller for PCI Local Bus Product
PDF  219 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMD [Advanced Micro Devices]
Site Internet  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C970A Fiches technique(HTML) 13 Page - Advanced Micro Devices

Back Button AM79C970A Datasheet HTML 9Page - Advanced Micro Devices AM79C970A Datasheet HTML 10Page - Advanced Micro Devices AM79C970A Datasheet HTML 11Page - Advanced Micro Devices AM79C970A Datasheet HTML 12Page - Advanced Micro Devices AM79C970A Datasheet HTML 13Page - Advanced Micro Devices AM79C970A Datasheet HTML 14Page - Advanced Micro Devices AM79C970A Datasheet HTML 15Page - Advanced Micro Devices AM79C970A Datasheet HTML 16Page - Advanced Micro Devices AM79C970A Datasheet HTML 17Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 219 page
background image
P R E L I M I N A R Y
AMD
13
Am79C970A
CONNECTION DIAGRAM – 144-PIN TQFP
19436A-3
Pin 1 is marked for orientation.
RESERVED = Don’t connect
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
108
107
106
105
104
103
102
101
100
99
98
97
96
95
94
93
92
91
90
89
88
87
86
85
84
83
82
81
80
79
78
77
76
75
74
73
NC
VDDB
AD27
AD26
VSSB
AD25
AD24
C/
BE3
VDD
TDI
IDSEL
VSSB
AD23
AD22
VSSB
AD21
AD20
VDDB
AD19
AD18
VSSB
AD17
AD16
C/
BE2
FRAME
IRDY
TRDY
DEVSEL
STOP
LOCK
VSS
PERR
SERR
VDDB
NC
NC
NC
NC
XTAL2
AVSS2
XTAL1
AVDD3
TXD+
TXP+
TXD-
TXP-
AVDD4
RXD+
RXD-
VSS
LED2/SRDCLK
ERD0/RXDAT
ERD1/RXCLK
VDD
ERD2/RXEN
VSS
ERD3/CLSN
ERD4/TXCLK
VSS
ERD5
ERD6/TXEN
VDD
ERD7/TXDAT
ERA0
ERA1
VSS
ERA2
ERA3
ERA4
ERA5
VSS
NC
PCnet-PCI II
Am79C970AVC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More