Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM29BDS323D Fiches technique(PDF) 42 Page - Advanced Micro Devices

No de pièce AM29BDS323D
Description  32 Megabit (2 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMD [Advanced Micro Devices]
Site Internet  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29BDS323D Fiches technique(HTML) 42 Page - Advanced Micro Devices

Back Button AM29BDS323D Datasheet HTML 36Page - Advanced Micro Devices AM29BDS323D Datasheet HTML 37Page - Advanced Micro Devices AM29BDS323D Datasheet HTML 38Page - Advanced Micro Devices AM29BDS323D Datasheet HTML 39Page - Advanced Micro Devices AM29BDS323D Datasheet HTML 40Page - Advanced Micro Devices AM29BDS323D Datasheet HTML 41Page - Advanced Micro Devices AM29BDS323D Datasheet HTML 42Page - Advanced Micro Devices AM29BDS323D Datasheet HTML 43Page - Advanced Micro Devices AM29BDS323D Datasheet HTML 44Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 42 / 44 page
background image
42
Am29BDS323D
P R E L I M INARY
PHYSICAL DIMENSIONS
FDD047—47-Pin Fine-Pitch Ball Grid Array (FBGA) 7 x 10 mm (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44