Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM29BDS323D Fiches technique(PDF) 34 Page - Advanced Micro Devices

No de pièce AM29BDS323D
Description  32 Megabit (2 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMD [Advanced Micro Devices]
Site Internet  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29BDS323D Fiches technique(HTML) 34 Page - Advanced Micro Devices

Back Button AM29BDS323D Datasheet HTML 30Page - Advanced Micro Devices AM29BDS323D Datasheet HTML 31Page - Advanced Micro Devices AM29BDS323D Datasheet HTML 32Page - Advanced Micro Devices AM29BDS323D Datasheet HTML 33Page - Advanced Micro Devices AM29BDS323D Datasheet HTML 34Page - Advanced Micro Devices AM29BDS323D Datasheet HTML 35Page - Advanced Micro Devices AM29BDS323D Datasheet HTML 36Page - Advanced Micro Devices AM29BDS323D Datasheet HTML 37Page - Advanced Micro Devices AM29BDS323D Datasheet HTML 38Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 44 page
background image
34
Am29BDS323D
P R E L I M INARY
AC CHARACTERISTICS
Notes:
1. VPP can be left high for subsequent programming pulses.
2. Use setup and hold times from conventional program operation.
3. Sectors must be unlocked using the Sector Lock/Unlock command sequence prior to raising VPP to VID.
Figure 14.
Accelerated Unlock Bypass Programming Timing
CE#
AVD#
WE#
A16:A20
A/DQ0:
A/DQ15
CE#
V
PP
Don't Care
Don't Care
A0h
PA
PA
PD
VPP
1
µs
VIL or VIH
t
VPP
t
VPS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44