Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM29BDS323D Fiches technique(PDF) 39 Page - Advanced Micro Devices

No de pièce AM29BDS323D
Description  32 Megabit (2 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMD [Advanced Micro Devices]
Site Internet  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29BDS323D Fiches technique(HTML) 39 Page - Advanced Micro Devices

Back Button AM29BDS323D Datasheet HTML 35Page - Advanced Micro Devices AM29BDS323D Datasheet HTML 36Page - Advanced Micro Devices AM29BDS323D Datasheet HTML 37Page - Advanced Micro Devices AM29BDS323D Datasheet HTML 38Page - Advanced Micro Devices AM29BDS323D Datasheet HTML 39Page - Advanced Micro Devices AM29BDS323D Datasheet HTML 40Page - Advanced Micro Devices AM29BDS323D Datasheet HTML 41Page - Advanced Micro Devices AM29BDS323D Datasheet HTML 42Page - Advanced Micro Devices AM29BDS323D Datasheet HTML 43Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 44 page
background image
Am29BDS323D
39
P R E L I M INARY
AC CHARACTERISTICS
Note: Breakpoints in waveforms indicate that system may alternately read array data from the “non-busy bank” while checking
the status of the program or erase operation in the “busy” bank. The system should read status twice to ensure valid information.
Figure 21.
Back-to-Back Read/Write Cycle Timings
OE#
CE#
WE#
tOH
A/DQ0:
A/DQ15
A16: A20
AVD#
PD/30h
PA/SA
AAh
555h
RA
PA/SA
tWC
tDS
tDH
tRC
tRC
tOE
tAS
tAH
tACC
tOEH
tWP
tGHWL
tDF
tWC
tSR/W
Last Cycle in
Program or
Sector Erase
Command Sequence
Read status (at least two cycles) in same bank
and/or array data from other bank
Begin another
write or program
command sequence
RD
RA
RA
RA
RD
tWPH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44