Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM29BDS323D Fiches technique(PDF) 36 Page - Advanced Micro Devices

No de pièce AM29BDS323D
Description  32 Megabit (2 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMD [Advanced Micro Devices]
Site Internet  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29BDS323D Fiches technique(HTML) 36 Page - Advanced Micro Devices

Back Button AM29BDS323D Datasheet HTML 32Page - Advanced Micro Devices AM29BDS323D Datasheet HTML 33Page - Advanced Micro Devices AM29BDS323D Datasheet HTML 34Page - Advanced Micro Devices AM29BDS323D Datasheet HTML 35Page - Advanced Micro Devices AM29BDS323D Datasheet HTML 36Page - Advanced Micro Devices AM29BDS323D Datasheet HTML 37Page - Advanced Micro Devices AM29BDS323D Datasheet HTML 38Page - Advanced Micro Devices AM29BDS323D Datasheet HTML 39Page - Advanced Micro Devices AM29BDS323D Datasheet HTML 40Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 44 page
background image
36
Am29BDS323D
P R E L I M INARY
AC CHARACTERISTICS
Notes:
1. Cxx indicates the clock that triggers Dxx on the outputs; for example, C61 triggers D61.
2. If PS is enabled, RDY will be low for an additional cycle prior to the boundary crossing latency.
Figure 17.
Latency with Boundary Crossing
CLK
Address (hex)
C61
C62
C63
C64
C64
C65
C66
C67
C68
C69
D61
D62
D63
D64
D65
D66
D67
D68
D69
(stays high)
AVD#
RDY
A/DQ0:
A/DQ15
OE#,
CE#
(stays low)
address boundary occurs every 64 words, beginning
at address 000000h: 00003Fh, 00007Fh, 0000BFh, etc.)
3C
3D
3E
3F
3F
40
41
42
43
44
latency
tRACC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44