Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AX2000 Fiches technique(PDF) 195 Page - Microsemi Corporation

No de pièce AX2000
Description  Axcelerator Family FPGAs
PDF  262 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROSEMI [Microsemi Corporation]
Site Internet  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

AX2000 Fiches technique(HTML) 195 Page - Microsemi Corporation

Back Button AX2000 Datasheet HTML 191Page - Microsemi Corporation AX2000 Datasheet HTML 192Page - Microsemi Corporation AX2000 Datasheet HTML 193Page - Microsemi Corporation AX2000 Datasheet HTML 194Page - Microsemi Corporation AX2000 Datasheet HTML 195Page - Microsemi Corporation AX2000 Datasheet HTML 196Page - Microsemi Corporation AX2000 Datasheet HTML 197Page - Microsemi Corporation AX2000 Datasheet HTML 198Page - Microsemi Corporation AX2000 Datasheet HTML 199Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 195 / 262 page
background image
Axcelerator Family FPGAs
Re vi s i on 18
3 - 69
GND
W19
GND
Y11
GND
Y20
GND/LP
E4
PRA
G15
PRB
D16
PRC
AB16
PRD
AF16
TCK
G7
TDI
D5
TDO
J8
TMS
F6
TRST
C4
VCCA
AD6
VCCA
AH26
VCCA
E28
VCCA
E3
VCCA
L12
VCCA
L13
VCCA
L14
VCCA
L15
VCCA
L16
VCCA
L17
VCCA
L18
VCCA
L19
VCCA
M11
VCCA
M20
VCCA
N11
VCCA
N20
VCCA
P11
VCCA
P20
VCCA
R11
VCCA
R20
VCCA
T11
VCCA
T20
FG896
AX2000 Function
Pin
Number
VCCA
U11
VCCA
U20
VCCA
V11
VCCA
V20
VCCA
W11
VCCA
W20
VCCA
Y12
VCCA
Y13
VCCA
Y14
VCCA
Y15
VCCA
Y16
VCCA
Y17
VCCA
Y18
VCCA
Y19
VCCDA
AD24
VCCDA
AD7
VCCDA
AE15
VCCDA
AE16
VCCDA
AF12
VCCDA
AF13
VCCDA
AF15
VCCDA
AF18
VCCDA
AF19
VCCDA
AH27
VCCDA
AH4
VCCDA
C13
VCCDA
C27
VCCDA
C5
VCCDA
D13
VCCDA
D19
VCCDA
D3
VCCDA
E18
VCCDA
F15
VCCDA
F16
VCCDA
F26
FG896
AX2000 Function
Pin
Number
VCCDA
G16
VCCDA
T25
VCCDA
T4
VCCIB0
A3
VCCIB0
B3
VCCIB0
J10
VCCIB0
J11
VCCIB0
J12
VCCIB0
K11
VCCIB0
K12
VCCIB0
K13
VCCIB0
K14
VCCIB0
K15
VCCIB1
A28
VCCIB1
B28
VCCIB1
J19
VCCIB1
J20
VCCIB1
J21
VCCIB1
K16
VCCIB1
K17
VCCIB1
K18
VCCIB1
K19
VCCIB1
K20
VCCIB2
C29
VCCIB2
C30
VCCIB2
K22
VCCIB2
L21
VCCIB2
L22
VCCIB2
M21
VCCIB2
M22
VCCIB2
N21
VCCIB2
P21
VCCIB2
R21
VCCIB3
AA22
VCCIB3
AH29
FG896
AX2000 Function
Pin
Number
Note:
*Not routed on the same package layer and to adjacent LGA pads as its differential pair complement.
Recommended to be used as a single-ended I/O.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More