Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AX2000 Fiches technique(PDF) 34 Page - Microsemi Corporation

No de pièce AX2000
Description  Axcelerator Family FPGAs
PDF  262 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROSEMI [Microsemi Corporation]
Site Internet  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

AX2000 Fiches technique(HTML) 34 Page - Microsemi Corporation

Back Button AX2000 Datasheet HTML 30Page - Microsemi Corporation AX2000 Datasheet HTML 31Page - Microsemi Corporation AX2000 Datasheet HTML 32Page - Microsemi Corporation AX2000 Datasheet HTML 33Page - Microsemi Corporation AX2000 Datasheet HTML 34Page - Microsemi Corporation AX2000 Datasheet HTML 35Page - Microsemi Corporation AX2000 Datasheet HTML 36Page - Microsemi Corporation AX2000 Datasheet HTML 37Page - Microsemi Corporation AX2000 Datasheet HTML 38Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 262 page
background image
Detailed Specifications
2- 20
R e v i sio n 1 8
User I/O Naming Conventions
Due to the complex and flexible nature of the Axcelerator family’s user I/Os, a naming scheme is used to
show the details of the I/O. The naming scheme explains to which bank an I/O belongs, as well as the
pairing and pin polarity for differential I/Os (Figure 2-7).
Figure 2-7 •
I/O Bank and Dedicated Pin Layout
Figure 2-8 •
General Naming Schemes
Corner4
Corner3
Corner1
I/O BANK 0
I/O BANK 5
I/O BANK 1
I/O BANK 4
Corner2
AX125
GND
VCCDA
GND
VCCDA
GND
VCCDA
GND
VCCDA
GND
VCCDA
GND
VCCA
GND
VCCA
GND
VCCA
GND
VCCA
GND
VCCI2
GND
VCCDA
GND
VCCI6
GND
VCCI7
GND
VCCI3
IOxxXBxFx
Fx refers to an
unimplemented feature
and can be ignored.
Bank I/D 0 through 7,
clockwise from IOB NW
P - Positive Pin/ N - Negative Pin
Pair number in the
bank, starting at 00,
clockwise from IOB NW
IO12PB1F1 is the positive pin of the thirteenth pair of the
first I/O bank (IOB NE). IO12PB1 combined
with IO12NB1 form a differential pair.
For those I/Os that can be employed
either as a user I/O or as a special
function, the following nomenclature
is used:
IOxxXBxFx/special_function_name
IOxxPB1Fx/xCLKx this pin can be configured as a clock
input or as a user I/O.
Examples:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More