| Moteur de recherche de fiches techniques de composants électroniques |
|
AX2000 Fiches technique(PDF) 194 Page - Microsemi Corporation |
|
|
|||||||||||||||||||||||||||||
AX2000 Fiches technique(HTML) 194 Page - Microsemi Corporation |
|
194 / 262 page ![]() Package Pin Assignments 3- 68 R e v i sio n 1 8 GND AK18 GND AK2 GND AK23 GND AK29 GND AK8 GND B1 GND B2 GND B22 GND B29 GND B30 GND B9 GND C10 GND C15 GND C16 GND C21 GND C28 GND C3 GND D27 GND D28 GND D4 GND E26 GND E5 GND H1 GND H30 GND J2 GND J22 GND J29 GND J9 GND K10 GND K21 GND K28 GND K3 GND L11 GND L20 GND M12 FG896 AX2000 Function Pin Number GND M13 GND M14 GND M15 GND M16 GND M17 GND M18 GND M19 GND N1 GND N12 GND N13 GND N14 GND N15 GND N16 GND N17 GND N18 GND N19 GND N30 GND P12 GND P13 GND P14 GND P15 GND P16 GND P17 GND P18 GND P19 GND R12 GND R13 GND R14 GND R15 GND R16 GND R17 GND R18 GND R19 GND R28 GND R3 FG896 AX2000 Function Pin Number GND T12 GND T13 GND T14 GND T15 GND T16 GND T17 GND T18 GND T19 GND T28 GND T3 GND U12 GND U13 GND U14 GND U15 GND U16 GND U17 GND U18 GND U19 GND V1 GND V12 GND V13 GND V14 GND V15 GND V16 GND V17 GND V18 GND V19 GND V30 GND W12 GND W13 GND W14 GND W15 GND W16 GND W17 GND W18 FG896 AX2000 Function Pin Number |