Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AX2000 Fiches technique(PDF) 96 Page - Microsemi Corporation

No de pièce AX2000
Description  Axcelerator Family FPGAs
PDF  262 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROSEMI [Microsemi Corporation]
Site Internet  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

AX2000 Fiches technique(HTML) 96 Page - Microsemi Corporation

Back Button AX2000 Datasheet HTML 92Page - Microsemi Corporation AX2000 Datasheet HTML 93Page - Microsemi Corporation AX2000 Datasheet HTML 94Page - Microsemi Corporation AX2000 Datasheet HTML 95Page - Microsemi Corporation AX2000 Datasheet HTML 96Page - Microsemi Corporation AX2000 Datasheet HTML 97Page - Microsemi Corporation AX2000 Datasheet HTML 98Page - Microsemi Corporation AX2000 Datasheet HTML 99Page - Microsemi Corporation AX2000 Datasheet HTML 100Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 262 page
background image
Detailed Specifications
2- 82
R e v i sio n 1 8
User Flow
There are two methods of including a PLL in a design:
•
The recommended method of using a PLL is to create custom PLL blocks using Microsemi's
macro generator, SmartGen, that can be instantiated in a design.
•
The alternative method is to instantiate one of the generic library primitives (PLL or PLLFB) into
either a schematic or HDL netlist, using inverters for polarity control and tying all unused address
and data bits to ground.
Timing Model
Note:
tPCLK is the delay in the clock signal
Figure 2-52 • PLL Model
CLK
CLK1
Lock
CLK2
63
5
6
FB
tPCLK*