Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AX2000 Fiches technique(PDF) 193 Page - Microsemi Corporation

No de pièce AX2000
Description  Axcelerator Family FPGAs
PDF  262 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROSEMI [Microsemi Corporation]
Site Internet  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

AX2000 Fiches technique(HTML) 193 Page - Microsemi Corporation

Back Button AX2000 Datasheet HTML 189Page - Microsemi Corporation AX2000 Datasheet HTML 190Page - Microsemi Corporation AX2000 Datasheet HTML 191Page - Microsemi Corporation AX2000 Datasheet HTML 192Page - Microsemi Corporation AX2000 Datasheet HTML 193Page - Microsemi Corporation AX2000 Datasheet HTML 194Page - Microsemi Corporation AX2000 Datasheet HTML 195Page - Microsemi Corporation AX2000 Datasheet HTML 196Page - Microsemi Corporation AX2000 Datasheet HTML 197Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 193 / 262 page
background image
Axcelerator Family FPGAs
Re vi s i on 18
3 - 67
IO303PB7F28
R1
IO304NB7F28
R7
IO304PB7F28
R6
IO306NB7F28
N2
IO306PB7F28
P2
IO307NB7F28
N3
IO307PB7F28
P3
IO308NB7F28
P9
IO308PB7F28
P8
IO309NB7F28
P4
IO309PB7F28
P5
IO310NB7F29
P7
IO310PB7F29
P6
IO311NB7F29
L1
IO311PB7F29
M1
IO312NB7F29
M5
IO312PB7F29
N5
IO313NB7F29
M4
IO313PB7F29
N4
IO315NB7F29
L2
IO315PB7F29
M2
IO316NB7F29
N7
IO316PB7F29
N6
IO317NB7F29
L3
IO317PB7F29
M3
IO318NB7F29
N8
IO318PB7F29
N9
IO320NB7F29
L6
IO320PB7F29
M6
IO321NB7F30
K4
IO321PB7F30
L4
IO322NB7F30
M8
IO322PB7F30
M7
IO323NB7F30
J1
IO323PB7F30
K1
FG896
AX2000 Function
Pin
Number
IO324NB7F30
K5
IO324PB7F30
L5
IO326NB7F30
G1*
IO326PB7F30
K2*
IO327NB7F30
J4
IO327PB7F30
J3
IO328NB7F30
L8
IO328PB7F30
L7
IO329NB7F30
G2
IO329PB7F30
H2
IO330NB7F30
G3
IO330PB7F30
H3
IO331NB7F30
K8
IO331PB7F30
K7
IO332NB7F31
J6
IO332PB7F31
K6
IO333NB7F31
D1
IO333PB7F31
D2
IO334NB7F31
G4
IO334PB7F31
H4
IO335NB7F31
F2
IO335PB7F31
F1
IO336NB7F31
H5
IO336PB7F31
J5
IO337NB7F31
E2
IO337PB7F31
E1
IO338NB7F31
H7
IO338PB7F31
J7
IO339NB7F31
F4
IO339PB7F31
F3
IO340NB7F31
F5
IO340PB7F31
G5
IO341NB7F31
G6
IO341PB7F31
H6
Dedicated I/O
FG896
AX2000 Function
Pin
Number
GND
A13
GND
A18
GND
A2
GND
A23
GND
A29
GND
A8
GND
AA10
GND
AA21
GND
AA28
GND
AA3
GND
AB2
GND
AB22
GND
AB29
GND
AB9
GND
AC1
GND
AC30
GND
AE25
GND
AE6
GND
AF26
GND
AF5
GND
AG27
GND
AG4
GND
AH10
GND
AH15
GND
AH16
GND
AH21
GND
AH28
GND
AH3
GND
AJ1
GND
AJ2
GND
AJ22
GND
AJ29
GND
AJ30
GND
AJ9
GND
AK13
FG896
AX2000 Function
Pin
Number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More