Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AX2000 Fiches technique(PDF) 198 Page - Microsemi Corporation

No de pièce AX2000
Description  Axcelerator Family FPGAs
PDF  262 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROSEMI [Microsemi Corporation]
Site Internet  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

AX2000 Fiches technique(HTML) 198 Page - Microsemi Corporation

Back Button AX2000 Datasheet HTML 194Page - Microsemi Corporation AX2000 Datasheet HTML 195Page - Microsemi Corporation AX2000 Datasheet HTML 196Page - Microsemi Corporation AX2000 Datasheet HTML 197Page - Microsemi Corporation AX2000 Datasheet HTML 198Page - Microsemi Corporation AX2000 Datasheet HTML 199Page - Microsemi Corporation AX2000 Datasheet HTML 200Page - Microsemi Corporation AX2000 Datasheet HTML 201Page - Microsemi Corporation AX2000 Datasheet HTML 202Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 198 / 262 page
background image
Package Pin Assignments
3- 72
R e v i sio n 1 8
FG1152
AX2000 Function
Pin
Number
Bank 0
IO00NB0F0
D6
IO00PB0F0
C6
IO01NB0F0
H10
IO01PB0F0
H9
IO02NB0F0
F8
IO02PB0F0
G8
IO03NB0F0
A6
IO03PB0F0
B6
IO04NB0F0
C7
IO04PB0F0
D7
IO05NB0F0
K10
IO05PB0F0
J10
IO06NB0F0
F9
IO06PB0F0
G9
IO07NB0F0
F10
IO07PB0F0
G10
IO08NB0F0
E9
IO08PB0F0
E8
IO09NB0F0
J11
IO09PB0F0
K11
IO10NB0F0
C8
IO10PB0F0
D8
IO11NB0F0
K12
IO11PB0F0
J12
IO12NB0F1
G11
IO12PB0F1
H11
IO13NB0F1
G12
IO13PB0F1
H12
IO14NB0F1
A7
IO14PB0F1
B7
IO15NB0F1
H13
IO15PB0F1
J13
IO16NB0F1
C9
IO16PB0F1
D9
IO17NB0F1
F12
IO17PB0F1
F11
IO18NB0F1
E11
IO18PB0F1
E10
IO19NB0F1
F13
IO19PB0F1
G13
IO20NB0F1
A10
IO20PB0F1
A9
IO21NB0F1
K14
IO21PB0F1
K13
IO22NB0F2
B11
IO22PB0F2
B10
IO23NB0F2
C12
IO23PB0F2
C11
IO24NB0F2
A12
IO24PB0F2
A11
IO25NB0F2
H14
IO25PB0F2
J14
IO26NB0F2
D13
IO26PB0F2
D12
IO27NB0F2
F14
IO27PB0F2
G14
IO28NB0F2
E14
IO28PB0F2
E13
IO29NB0F2
B13
IO29PB0F2
B12
IO30NB0F2
C14
IO30PB0F2
C13
IO31NB0F2
H15
IO31PB0F2
J15
IO32NB0F2
A14
IO32PB0F2
B14
IO33NB0F2
K15
IO33PB0F2
L15
IO34NB0F3
D15
FG1152
AX2000 Function
Pin
Number
IO34PB0F3
D14
IO35NB0F3
A15
IO35PB0F3
B15
IO36NB0F3
B16
IO36PB0F3
A16
IO37NB0F3
G16
IO37PB0F3
G15
IO38NB0F3
D16
IO38PB0F3
C16
IO39NB0F3
K16
IO39PB0F3
L16
IO40NB0F3
D17
IO40PB0F3
C17
IO41NB0F3/HCLKAN
E16
IO41PB0F3/HCLKAP
F16
IO42NB0F3/HCLKBN
G17
IO42PB0F3/HCLKBP
F17
Bank 1
IO43NB1F4/HCLKCN
G19
IO43PB1F4/HCLKCP
G18
IO44NB1F4/HCLKDN
E19
IO44PB1F4/HCLKDP
F19
IO45NB1F4
C18
IO45PB1F4
D18
IO46NB1F4
A18
IO46PB1F4
B18
IO47NB1F4
K19
IO47PB1F4
L19
IO48NB1F4
C19
IO48PB1F4
D19
IO49NB1F4
K20
IO49PB1F4
L20
IO50NB1F4
A19
IO50PB1F4
B19
IO51NB1F4
H20
FG1152
AX2000 Function
Pin
Number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More