Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AX2000 Fiches technique(PDF) 189 Page - Microsemi Corporation

No de pièce AX2000
Description  Axcelerator Family FPGAs
PDF  262 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROSEMI [Microsemi Corporation]
Site Internet  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

AX2000 Fiches technique(HTML) 189 Page - Microsemi Corporation

Back Button AX2000 Datasheet HTML 185Page - Microsemi Corporation AX2000 Datasheet HTML 186Page - Microsemi Corporation AX2000 Datasheet HTML 187Page - Microsemi Corporation AX2000 Datasheet HTML 188Page - Microsemi Corporation AX2000 Datasheet HTML 189Page - Microsemi Corporation AX2000 Datasheet HTML 190Page - Microsemi Corporation AX2000 Datasheet HTML 191Page - Microsemi Corporation AX2000 Datasheet HTML 192Page - Microsemi Corporation AX2000 Datasheet HTML 193Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 189 / 262 page
background image
Axcelerator Family FPGAs
Re vi s i on 18
3 - 63
IO65PB1F6
H20
IO66NB1F6
B23
IO66PB1F6
B21
IO67NB1F6
H21
IO67PB1F6
G21
IO68NB1F6
D22
IO68PB1F6
C22
IO69NB1F6
A25
IO69PB1F6
A24
IO70NB1F6
F22
IO70PB1F6
E22
IO71NB1F6
F21
IO71PB1F6
E21
IO73NB1F6
C24
IO73PB1F6
C23
IO74NB1F6
D24
IO74PB1F6
D23
IO75NB1F6
H23
IO75PB1F6
H22
IO76NB1F7
B25
IO76PB1F7
B24
IO78NB1F7
B26
IO78PB1F7
A26
IO79NB1F7
F23
IO79PB1F7
E23
IO80NB1F7
D25
IO80PB1F7
C25
IO81NB1F7
G23
IO81PB1F7
G22
IO82NB1F7
B27
IO82PB1F7
A27
IO83NB1F7
F24
IO83PB1F7
E24
IO84NB1F7
D26
IO84PB1F7
C26
FG896
AX2000 Function
Pin
Number
IO85NB1F7
F25
IO85PB1F7
E25
Bank 2
IO86NB2F8
G26
IO86PB2F8
G25
IO87NB2F8
K23
IO87PB2F8
J23
IO88NB2F8
J24
IO88PB2F8
H24
IO89NB2F8
E29
IO89PB2F8
D29
IO90NB2F8
F27
IO90PB2F8
E27
IO91NB2F8
H26
IO91PB2F8
H25
IO92NB2F8
G28
IO92PB2F8
F28
IO93NB2F8
J26
IO93PB2F8
J25
IO94NB2F8
H27
IO94PB2F8
G27
IO95NB2F8
H29
IO95PB2F8
G29
IO96NB2F9
G30
IO96PB2F9
F30
IO97NB2F9
K25
IO97PB2F9
K24
IO98NB2F9
J28
IO98PB2F9
H28
IO99NB2F9
L23
IO99PB2F9
L24
IO100NB2F9
K27
IO100PB2F9
J27
IO101PB2F9
J30
IO102NB2F9
E30
FG896
AX2000 Function
Pin
Number
IO102PB2F9
D30
IO103NB2F9
L26
IO103PB2F9
K26
IO104NB2F9
F29
IO105NB2F9
M25
IO105PB2F9
L25
IO106NB2F9
K30
IO106PB2F9
K29
IO107NB2F10
M23
IO107PB2F10
M24
IO109NB2F10
M27
IO109PB2F10
L27
IO110NB2F10
M28
IO110PB2F10
L28
IO111NB2F10
N22
IO111PB2F10
N23
IO112NB2F10
M29
IO112PB2F10
L29
IO113NB2F10
N26
IO113PB2F10
M26
IO114NB2F10
M30
IO114PB2F10
L30
IO115NB2F10
N28
IO115PB2F10
N27
IO117NB2F10
N25
IO117PB2F10
N24
IO118NB2F11
N29
IO119NB2F11
P22
IO119PB2F11
P23
IO121NB2F11
P25
IO121PB2F11
P24
IO122NB2F11
P28
IO122PB2F11
P27
IO123NB2F11
R26
IO123PB2F11
P26
FG896
AX2000 Function
Pin
Number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More